|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SEMICONDUCTOR HA-2444 50MHz, Selectable, Four Channel Video Operational Amplifier Description The HA-2444 is a channel-selectable video op amp consisting of four differential inputs, a single-ended output, and digital control circuitry allowing two digital inputs to activate one of the four differential inputs. The HA-2444 also includes a high impedance output state allowing the outputs of multiple HA-2444s to be wire-OR'd. Functionally, the HA-2444 is equivalent to four wideband video op amps and a wideband multiplexer. Unlike similar competitor devices, the HA-2444 is not restricted to multiplexing. Any op amp configuration can be used with any of the inputs. Signal amplification, addition, integration, and more can be put under digital control with broadcast quality performance. The key video parameters of the HA-2444 have been optimized without compromising DC performance. Gain Flatness to 10MHz is only 0.1dB. Differential gain and phase are typically 0.03% and 0.03 degrees, respectively. Laser trimming allows offset voltages in the 4.0mV range and a unique common current source design assures minimal channel-to-channel mismatch, while maintaining 60dB of crosstalk rejection at 5MHz. Open loop gain of 76dB and low input offset and bias currents enhance the performance of this versatile device. For information about military grade devices, please refer to the HA-2444/883 data sheet. November 1996 Features * Digital Selection of Input Channel * Unity Gain Stability * Gain Flatness to 10MHz. . . . . . . . . . . . . . . . . . . . . 0.1dB * Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03% * Differential Phase. . . . . . . . . . . . . . . . . . . . 0.03 Degrees * Fast Channel Selection . . . . . . . . . . . . . . . . . . . . . . 60ns * Crosstalk Rejection . . . . . . . . . . . . . . . . . . . . . . . . .60dB Applications * Video Multiplexer * Programmable Gain Amplifier * Special Effects Processors * Video Distribution Systems * Heads-up/Night Vision Displays * Medical Imaging Systems * Radar Video Ordering Information PART NUMBER HA3-2444-5 HA3-2444-9 HA9P2444-5 HA9P2444-9 TEMP. RANGE (oC) 0 to 75 -40 to 85 0 to 75 -40 to 85 PACKAGE 16 Ld PDIP 16 Ld PDIP 16 Ld SOIC 16 Ld SOIC PKG. NO. E16.3 E16.3 M16.3 M16.3 Pinout HA-2444 (PDIP, SOIC) TOP VIEW Logic Operation TRUTH TABLE SELECTED CHANNEL 1 2 3 4 NONE-OUT is set to a high impedance state. EN GND EN +IN2 -IN2 V+IN1 -IN1 OUT 1 2 3 4 5 6 7 8 DECODE CONTROL 16 15 14 13 12 11 10 9 D1 D0 D1 L L H H X D0 L H L H X H H H +IN4 -IN4 V+ +IN3 -IN3 N/C H L L = Low State (0.8V Max) H = High State (2.4V Min) X = Don't Care CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright (c) Harris Corporation 1996 File Number 2490.6 3-1 HA-2444 Absolute Maximum Ratings Supply Voltage Between V+ and V- Terminals . . . . . . 35V (17.5V) Differential Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS Digital Input Voltage . . . . . . . . . . . . . . . . . GND +7.5V to GND -0.5V Peak (Short Duration) Output Current . . . . . . . . . . . . . . . . . 40mA Thermal Information Thermal Resistance (Typical, Note 1) JA (oC/W) PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80 SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96 Maximum Junction Temperature (Die Only). . . . . . . . . . . . . . . 175oC Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only) Operating Conditions Temperature Range HA-2444-5. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC HA-2444-9. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. JA is measured with the component mounted on an evaluation PC board in free air. Electrical Specifications VS = 15V, RL = 1k, CL 10pF, VIL = 0.8V, VIH = 2.4V. Unless Otherwise Specified Specifications Apply to All Channels TEMP. (oC) HA-2444-5, -9 MIN TYP MAX UNITS PARAMETER INPUT CHARACTERISTICS Input Offset Voltage TEST CONDITIONS 25 Full 50 - 4 10 9 0.04 2 10 11.5 90 3 26 4 7 15 5 8 15 20 4 6 - mV mV V/oC mV mV A A A/oC A A nA/oC V k pF nV/Hz pA/Hz Average Input Offset Voltage Drift Channel to Channel Offset Voltage Mismatch Full 25 Full Input Bias Current 25 Full Average Input Bias Current Drift Input Offset Current Full 25 Full Average Input Offset Current Drift Common Mode Range Differential Input Resistance (Note 2) Differential Input Capacitance Input Noise Voltage Density Input Noise Current Density TRANSFER CHARACTERISTICS Large Signal Voltage Gain VOUT = 5V VCM = 5V AV = +1, VOUT = 100mV VOUT = 100mV AV = +1 AV = +1 RL = 1k RL = 75 f = 1000Hz f = 1000Hz Full Full 25 25 25 25 25 Full 71 68 70 +1 10 2 3.8 76 80 45 50 65 8.0 11 5.1 - dB dB dB V/V MHz MHz Degrees dB Common Mode Rejection Ratio Minimum Stable Gain Unity Gain Bandwidth Gain Bandwidth Product Phase Margin Gain Margin OUTPUT CHARACTERISTICS Output Voltage Swing Output Voltage Swing (Note 2) Full Power Bandwidth (Note 3) Full 25 25 25 25 25 Full 25 Full - V V MHz 3-2 HA-2444 Electrical Specifications VS = 15V, RL = 1k, CL 10pF, VIL = 0.8V, VIH = 2.4V. Unless Otherwise Specified Specifications Apply to All Channels (Continued) TEMP. (oC) Full Full 25 HA-2444-5, -9 MIN 25 TYP 20 MAX 860 UNITS mA A ns % V/s ns PARAMETER Output Current (Note 12) Disabled Output Current (Note 13) Output Resistance TRANSIENT RESPONSE Rise Time (Note 4) Overshoot (Note 4) Slew Rate (Note 6) Settling Time SWITCHING CHARACTERISTICS Channel Select Time TEST CONDITIONS AV = +1 AV = +1 AV = +1 25 25 Full 25 120 - 7 10 160 120 - Note 7 0 to 85 -40 to 0 2.4 - 60 80 40 0.7 60 100 125 100 0.8 1 1.2 50 1.2 - ns ns ns V V mA A A A dB Output Enable Time Digital Input Voltages Note 8 VIH VIL VIL = 0.0V VIH = 5.0V VIL = 0.0V VIH = 5.0V Note 9 Full Full Full Full Full Full Full 25 D0/D1 Input Current EN Input Current Crosstalk Rejection VIDEO PARAMETERS Differential Phase Differential Gain Gain Flatness (Note 10) Chrominance to Luminance Gain Chrominance to Luminance Delay POWER SUPPLY ICC IEE Supply Current (Output Disabled) PSRR Supply Voltage Range Note 11 Note 11 10MHz, AV = +1 Note 11 Note 11 25 25 25 25 25 - 0.03 0.03 0.1 0.1 7 - Degrees % dB dB ns Full Full Note 14 VS = 15V to 20V Full Full 65 8.5 20 20 80 - 25 25 10 17.0 mA mA mA dB V NOTES: 2. These parameters are not tested. The limits are guaranteed based on lab characterization and reflect lot to lot variation. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12. 13. 14. Full Power Bandwidth is calculated by: FPBW = ------------------------ ; V PEAK = 5V . 2V PEAK VOUT = 0 to 200mV. Settling time to 0.1% with a 10V step. Specified with the channel pre-selected and the output stage enabled. AV = -1. VOUT = -5V to +5V or +5V to -5V. The time required for an enabled HA-2444 to switch from one input channel to another. Measured from the 50% point of the digital input to 50% of the output. AV = +1 for all channels. VOUT switches from 0V to 5V. The time required to enable the output with a channel preselected. Measured from the 50% point of the Enable input to 4V on the output. AV = +1 for all channels. VIN = 5V for the selected channel. VIN = 5VP-P, f = 5MHz, for one of the 3 unselected channels. VIN = 0 for the selected channel. AV = +1 for all channels. VIN = 200mVRMS. Tested with a VM700A video tester using a NTC-7 Composite input signal. VOUT = 10V, VEN = 2.4V, 50% Duty Cycle Max. VOUT = 5V, VEN = 0.8V. Applies to ICC and IEE. VOUT = 0V, VEN = 0.8V. Slew Rate 3-3 HA-2444 Die Characteristics DIE DIMENSIONS: 74 mils x 103 mils x 19 mils 1880m x 2620m x 483m METALLIZATION: Type: Al, 1% Cu Thickness: 16kA 2kA SUBSTRATE POTENTIAL (Powered Up): VPASSIVATION: Type: Nitride over Silox Silox Thickness: 12kA 2kA Nitride Thickness: 3.5kA 1.5kA TRANSISTOR COUNT: 129 PROCESS: Bipolar Dielectric Isolation Metallization Mask Layout HA-2444 EN GND D1 D0 2 1 8 7 +IN2 +IN4 -IN2 -IN4 V+ V- +IN1 +IN3 6 3 4 5 -IN3 -IN1 OUT 3-4 |
Price & Availability of HA3-2444-9 |